Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download DDTC124GKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30340 rev. 3 - 2 1 of 3 ddtc (r2-only series) ka www.diodes.com  diodes incorporated ddtc (r2-only series) ka npn pre-biased small signal sc-59 surface mount transistor  epitaxial planar die construction  complementary pnp types available (ddta)  built-in biasing resistor, r2 only  also available in lead free version features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sc-59, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.006 grams (approx.)  ordering information (see page 2) t c u d o r p w e n b r 2 schematic diagram e c p/n r2 (nom) marking ddtc114gka DDTC124GKA ddtc144gka ddtc115gka 10k  22k  47k  100k  n26 n27 n28 n29 characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5v collector current i c (max) 100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sc-59 dim min max a 0.35 0.50 b 1.50 1.70 c 2.70 3.00 d 0.95 g 1.90 h 2.90 3.10 j 0.013 0.10 k 1.00 1.30 l 0.35 0.55 m 0.10 0.20  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. a m j l d b c h k g c be
ds30340 rev. 3 - 2 2 of 3 ddtc (r2-only series) ka www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50  v i c = 50  a collector-emitter breakdown voltage bv ceo 50  v i c = 1ma emitter-base breakdown voltage bv ebo 5   v i e = 720  a, ddtc114gka i e = 330  a, DDTC124GKA i e = 160  a, ddtc144gka i e = 72  a, ddtc115gka collector cutoff current i cbo  0.5  a v cb = 50v emitter cutoff current ddtc114gka DDTC124GKA ddtc144gka ddtc115gka i ebo 300 140 65 30  580 260 130 58  a v eb = 4v collector-emitter saturation voltage v ce(sat)  0.3 v i c = 10ma, i b = 0.5ma dc current transfer ratio ddtc114gka DDTC124GKA ddtc144gka ddtc115gka h fe 30 56 68 82  i c = 5ma, v ce = 5v bleeder resistor (r 2 ) tolerance d r 2 -30  +30 %  gain-bandwidth product* f t  250  mhz v ce = 10v, i e = -5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddtc115gka-7-f. device packaging shipping ddtc114gka-7 sc-59 3000/tape & reel DDTC124GKA-7 sc-59 3000/tape & reel ddtc144gka-7 sc-59 3000/tape & reel ddtc115gka-7 sc-59 3000/tape & reel ordering information (note 2)
ds30340 rev. 3 - 2 3 of 3 ddtc (r2-only series) ka www.diodes.com t c u d o r p w e n 0.1 1 10 0 100 200 500 600 700 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 300 400 0.001 0.01 1 100 1000 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 10 0.1 75 c 0 1 2 3 4 0 20 30 c , capacitance (pf) ob v , reverse bias voltage (v) r fig. 4 output capacitance 5 10 5 15 25 i = 0ma e 10 1000 100 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v=10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - ddtc114gka


▲Up To Search▲   

 
Price & Availability of DDTC124GKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X